Part Number Hot Search : 
N5399 UPD780 30A02MH 1510145X NDS355 LL5228B B123ES IRF3707L
Product Description
Full Text Search
 

To Download D41D1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  'j.s.iis.ii <~>e.ml-(lona.uctoi iptooud^i, one. 20 stern ave. springfield, new jersey 07081 pnp power transistors complementary to the d40d series d41d is a power transistor designed for various specific and general purpose applications, such as: output and driver stages of amplifiers operating at frequencies from dc to greater than 1.0 mhz; series, shunt and switching regulators; low and high frequency inverters/converters; and many others. features: ? high free-air power dissipation ? pnp complement to d40d npn ? low collector saturation voltage (-0.5v typ. @ 1.0a lc) ? excellent linearity ? fast switching d41d series -30 - -60 volts -1 amp, 6.25 watts case style to-202 dimensions are in inches and (millimeters) 095-0106 413-2 h67) type t0202 term 1 emiites term 2 base term 3 collector tab collector maximum ratings (ta = 25 c) (unless otherwise specified) rating collector-emitter voltage collector-emitter voltage emitter base voltage collector current ? continuous peako) base current ? continuous total power dissipation @ ta = 25 c @ tc = 25c operating and storage junction temperature range symbol vceo vces vebo ic 'cm ib pd tj.tstg D41D1.2 -30 -45 -5 -1 -1.5 -.5 1.67 6.25 -55 to +150 d41d4, 5 -45 -60 -5 -1 -1.5 -.5 1.67 6.25 -55 to +150 d41d7, 8 -60 -75 -5 -1 -1.5 -.5 1.67 6.25 -5510+150 units volts volts volts a a watts c thermal characteristics (1) pulse test pulse width = 300ms duty cycle < 2%. thermal resistance, junction to ambient thermal resistance, junction to case maximum lead temperature for soldering purposes: ve" from case for 5 seconds rftja r0jc tl 75 20 +260 75 20 +260 75 20 +260 c/w c/w c nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by nj semi-conductors is believed to be both accurate and reliable at the time of going to press. however, nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. n.i semi-conductors encourages customers to verify that datasheets are current before placing orders. quality semi-conductors
electrical characteristics (tc = 25 c) (unless otherwise specified) characteristic symbol min typ max unit off characteristics'1' collector-emitter sustaining voltage D41D1.2 (lc = 10ma) d41d4, 5 d41d7, 8 collector cutoff current ( vce = rated vceo) tc = 25 c (vce = rated vces) tc = 1 50 c emitter cutoff current (veb = sv) vceo(sus) ices 'ebo -30 -45 -60 ? ? ? -1 ? ? -0.1 -0.1 volts m m second breakdown second breakdown with base forward biased fbsoa see figure 7 on characteristics dc current gain d41 d1 . 4, 7 (lc = 1 00ma, vce = 2v) d41 d2, 5, 8 d41 d1.4.7 (ic = 1a, vce = 2v) d41d2 d41d5, 8 collector-emitter saturation voltage (1c = -500ma, ib = -50ma) d41 d1 , 2, 4, 5 d41d7, 8 base-emitter saturation voltage (lc = -500ma, ib = -50ma) hfe hfe vce(sat) vbe(sat) 50 120 10 20 10 ? ? ? ? ? 150 360 ? 0.5 1.0 1.5 ? volts volts dynamic characteristics collector capacitance (vcb = 10v, f = 1mnz) current-gain ? bandwidth product (lc = -20ma, vce = -10v) ccbo fr ? ? 10 150 ? ? pf mhz switching characteristics m m r ? h n resistive load delay time + rise time storage time fall time 1c = -1a. ib1 vcc = -30v, t_ - 2 ip ^ = -0.1a (1) pulse test pw = 300ms duty cycle < 2%. ?m^oi _? ^. ?- ? ? - tj- 1?' c j- i?'c j.-t?-e =5 ^ ?- ^ -^?, - ysff" ?\^ ^\ "^^_ *^ \ n j ^ l\ td + v ts tf mo too ? i '? ?1 '" ~? ? - ? ? ? 50 75 40 ? ? ? ns ?vnrc --f 'r- ?? *^* t-?. ?^. -? -^j ?^^ ^*^ m ^ ^>^^ ^ 1 >t.? \ s \ v>, s h -k> -?? -xf -' -" -?? -?' ic-auicnn.cum.t-.. i c-cou?t? ????-.. fig. 1 fig. 2 typical hpe vs.


▲Up To Search▲   

 
Price & Availability of D41D1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X